Part Number Hot Search : 
R1EX24 R1EX24 MPB031 T010E2 HLB121I LRB06451 1N6154A 23226414
Product Description
Full Text Search
 

To Download G3204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.4 nov 12, 2008 tel: 886-3-5788833 http://www.gmt.com.tw 1 G3204 global mixed-mode technology inc. quad 10 spdt analog switch features ? low on-state resistance ? low charge injection ? ? ? excellent on resistance matching ? +2.3v to +5.5v single-supply operation ? low total harmonic distortion ? low supply current (<1 a) ? break-before-make enable circuitry ? control inputs are 5-v tolerant ? tssop-16 and ssop-16 package are available applications ? cell phones ? pdas ? portable instrumentation ? audio and video signal routing ? sample-and-hold circuit ? battery-powered equipment ? communication circuit general description the G3204 is a quad low on-resistance, spdt (sin- gle-pole/double-throw) analog switch that operates from a 2.3v to 5.5v supply. the device offers an ex- cellent on-resistance matching, and low total har- monic distortion (thd) performance. these features make this device suitable for portable audio applica- tions. the G3204 is available in the tssop-16 and ssop-16 package. ordering information order number marking temp. range package (pb free) G3204d61u g 3204 -40 c to 85 c tssop-16 G3204s11u g 3204 -40 c to 85 c ssop-16 note: d6: tssop-16 s1: ssop-16 1: bonding code u: tape & reel pin configuration 1 2 3 4 5 6 7 in nc1 tssop-16/ssop-16 G3204 15 14 13 12 11 10 9 no1 com1 nc2 no2 com2 com3 no3 nc3 com4 no4 nc4 en 8 gnd 16 v+ logic control 1 2 3 4 5 6 7 in nc1 tssop-16/ssop-16 G3204 15 14 13 12 11 10 9 no1 com1 nc2 no2 com2 com3 no3 nc3 com4 no4 nc4 en 8 gnd 16 v+ logic control


▲Up To Search▲   

 
Price & Availability of G3204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X